PART |
Description |
Maker |
XRT94L55 |
SONET/SDH OC-48/STM-16, 4XOC-12/STM-4, 16XOC-3/STM-1 FRAMER/CONCENTRATOR WITH INTEGRATED CDR’S
|
http://
|
FTLF1323F2GTR FTLF1323F2HTR FTLF1323F2KTR FTLF1323 |
OC-3 SR-1/STM I-1 or OC-3 IR-1/STM S-1.1 2x5 SFF Transceiver
|
Finisar Corporation.
|
FTLF1323S2MTR FTLF1323S2GTR FTLF1323S2HTR FTLF1323 |
OC-3 SR-1/STM I-1 or OC-3 IR-1/STM S-1.1 2x10 SFF Transceiver
|
Finisar Corporation.
|
VSC9186 |
Telecomm / Datacomm VSC9186 Killington - Quad STS-48/STM-16 and STS-192/STM-64 Line Interface VSC9186 Killington - Quad STS-48/STM-16 and STS-192/STM-64 Line Interface
|
Vitesse Semiconductor Corporation http://
|
HFBR-5203 HFBR-5203T |
800 nm 300 m,ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style(800 nm 300 m,应用于SONET OC-3/SDH STM-1的ATM多模式光收发器(低价x9 封装类型
|
Agilent(Hewlett-Packard)
|
HFCT-5953ATG HFCT-5953ATL HFCT-5953TG HFCT-5953TL |
HFCT-5953ATG · Single Mode SFF Transceivers for SONET OC-12/SDH STM-4 (S4.1) Multirate w/o EMI Shield HFCT-5953ATL · 622 Mbit/s SMF (15km) 2x5 SFF LC for SONET/SDH, ATM (OC-12) -40C to 85C: Multirate w/ EMI Shield HFCT-5953TG · Single Mode SFF Transceiver for SONET OC-12/SDH STM-4 (S4.1) Multirate w/o EMI nose shield HFCT-5953TL · Single Mode SFF Transceivers for SONET OC-12/SDH STM-4 (S4.1) Multirate w/EMI nose shield HFCT-5954ATG · Single Mode SFF Transceiver for SONET OC-12/SDH STM-4 (S4.1) Multirate w/o EMI nose shield HFCT-5954ATL · Single Mode SFF Transceivers for SONET OC-12/SDH STM-4 (S4.1) Multirate w/EMI nose shield HFCT-5954TG · Single Mode SFF Transceiver for SONET OC-12/SDH STM-4 (S4.1) Multirate w/o EMI nose shield HFCT-5954TL · Single Mode SFF Transceivers for SONET OC-12/SDH STM-4 (S4.1) Multirate w/EMI nose shield
|
Agilent (Hewlett-Packard)
|
SI5100 |
SiPHY垄芒 OC-48/STM-16 SONET/SDH TRANSCEIVER SiPHY?/a> OC-48/STM-16 SONET/SDH TRANSCEIVER
|
Silicon Laboratories
|
STX48-0414 STX448FS3H000P1 STXB48FS3H000P1 STX448B |
OC-48/STM-16 Transmitter
|
OPLINK Communications Inc. OPLINK Communications I...
|
78P2253-IGT 78P2253 |
E4/STM-1/STS-3/OC-3 Transceiver
|
TDK Semiconductor ETC[ETC]
|
HFCT-5215D HFCT-5215B |
HFCT-5215D · 155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1) HFCT-5215B · 155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1) Agilent HFCT-5215B/D 155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) Agilent / Hewlett-Packard
|
FAM-70X1S-T40 FAM-70X1S-T40B FAM-70X1S-T80 FAM-70X |
OC-192/STM-64 SFF Transponder
|
Source Photonics, Inc.
|